|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FEATURES n n n n LT1952/LT1952-1 Single Switch Synchronous Forward Controller DESCRIPTION The LT(R)1952/LT1952-1 are current mode PWM controllers optimized to control the forward converter topology, using one primary MOSFET. The LT1952/LT1952-1 provide synchronous rectifier control, resulting in extremely high efficiency. A programmable Volt-Second clamp provides a safeguard for transformer reset that prevents saturation. This allows a single MOSFET on the primary side to reliably run at greater than 50% duty cycle for high MOSFET, transformer and rectifier utilization. The devices include soft-start for controlled exit from shutdown and undervoltage lockout. A precision 107mV current limit threshold, independent of duty cycle, combines with softstart to provide hiccup short-circuit protection. The LT1952 is optimized for micropower bootstrap start-up from high input voltages. The LT1952-1 allows start-up from lower input voltages. Programmable slope compensation and leading edge blanking allow optimization of loop bandwidth with a wide range of inductors and MOSFETs. Each device can be programmed over a 100kHz to 500kHz frequency range and the part can be synchronized to an external clock. The error amplifier is a true op amp, allowing a wide range of compensation networks. The LT1952/LT1952-1 are available in a small 16-pin SSOP package. L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners. n n n n n n n n n n n n n Synchronous Rectifier Control for High Efficiency Programmable Volt-Second Clamp Output Power Levels from 25W to 500W Low Current Start-Up (LT1952: 460A; VIN On/Off = 14.25V/8.75V) (LT1952-1: 400A; VIN On/Off = 7.75V/6.5V) True PWM Soft-Start Low Stress Short-Circuit Protection Precision 107mV Current Limit Threshold Adjustable Delay for Synchronous Timing Accurate Shutdown Threshold with Programmable Hysteresis Programmable Slope Compensation Programmable Leading Edge Blanking Programmable Frequency (100kHz to 500kHz) Synchronizable to an External Clock up to 1.5 * fOSC Internal 1.23V Reference 2.5V External Reference Current Mode Control Small 16-Pin SSOP Package APPLICATIONS n n n Telecommunications Power Supplies Industrial and Distributed Power Isolated and Non Isolated DC/DC Converters TYPICAL APPLICATION 36V to 72V Input, 12V at 20A Semi-Regulated Bus Converter SUPPLY FROM BIAS WINDING OF T1 40k VIN T1 PA0905 L1 PA1494.242 VOUT 12V 20A 47F 16V X5R 2 VOUT (V) 12V Bus Converter VOUT vs VIN 16 16V VREF 52.3k VIN 340k 100k 13k COMP SS_MAXDC LT1952/ LT1952-1 SD_VSEC FB OUT OC ISENSE VIN 10F 14 Si7450 Si7370 2 PH4840 2 12 0.005 LTC3900 T2 FG SYNC 220pF 560 CG 10 SYNC GND 0.1F 0.1F 40k SOUT ROSC 8 36 42 48 54 VIN (V) 60 66 72 PGND BLANK DELAY 40k 178k 1952 TA01 1952 TA01b 19521fd 1 LT1952/LT1952-1 ABSOLUTE MAXIMUM RATINGS (Note 1) PIN CONFIGURATION TOP VIEW COMP FB ROSC SYNC SS_MAXDC VREF SD_VSEC GND 1 2 3 4 5 6 7 8 16 SOUT 15 VIN 14 OUT 13 PGND 12 DELAY 11 OC 10 ISENSE 9 BLANK VIN (Note 8) ............................................... -0.3V to 25V SYNC, SS_MAXDC, SD_VSEC, ISENSE, OC ....- 0.3V to 6V COMP BLANK, DELAY ............................... -0.3V to 3.5V , FB ................................................................- 0.3V to 3V ROSC..................................................................... -50A VREF ....................................................................-10mA Operating Junction Temperature Range (Notes 2, 5) ............................................-40C to 125C Storage Temperature Range...................-65C to 150C Lead Temperature (Soldering, 10 sec) .................. 300C GN PACKAGE 16-LEAD PLASTIC SSOP TJMAX = 125C, JA = 110C/W, JC = 40C/W ORDER INFORMATION LEAD FREE FINISH LT1952EGN#PBF LT1952IGN#PBF LT1952EGN-1#PBF LT1952IGN-1#PBF LEAD BASED FINISH LT1952EGN LT1952IGN LT1952EGN-1 LT1952IGN-1 TAPE AND REEL LT1952EGN#TRPBF LT1952IGN#TRPBF LT1952EGN-1#TRPBF LT1952IGN-1#TRPBF TAPE AND REEL LT1952EGN#TR LT1952IGN#TR LT1952EGN-1#TR LT1952IGN-1#TR PART MARKING 1952 1952I 19521 1952I1 PART MARKING 1952 1952I 19521 1952I1 PACKAGE DESCRIPTION 16-Lead Plastic SSOP 16-Lead Plastic SSOP 16-Lead Plastic SSOP 16-Lead Plastic SSOP PACKAGE DESCRIPTION 16-Lead Plastic SSOP 16-Lead Plastic SSOP 16-Lead Plastic SSOP 16-Lead Plastic SSOP TEMPERATURE RANGE -40C to 125C -40C to 125C -40C to 125C -40C to 125C TEMPERATURE RANGE -40C to 125C -40C to 125C -40C to 125C -40C to 125C Consult LTC Marketing for parts specified with wider operating temperature ranges. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/ ELECTRICAL CHARACTERISTICS PARAMETER The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. COMP = open, FB = 1.4V, ROSC = 178k, SYNC = 0V, SS_MAXDC = VREF, VREF = 0.1F SD_VSEC = 2V, BLANK = 121k, DELAY = 121k, ISENSE = 0V, OC = 0V, OUT = 1nF VIN = 15V, SOUT = open, unless otherwise specified. , , CONDITIONS I(VREF) = 0A I(VREF) = 0A, ISENSE = OC = Open FB = 0V, SS_MAXDC = 0V (Notes 4, 9) FB = 0V, SS_MAXDC = 0V (Notes 4, 9) SD_VSEC = 0V 10V < VIN < 25V SD_VSEC = SD_VSEC Threshold + 100mV SD_VSEC = SD_VSEC Threshold - 100mV 8.3 l l l l MIN VIN OFF TYP MAX 25 UNITS V mA A A A V A A 19521fd PWM CONTROLLER Operational Input Voltage VIN Quiescent Current VIN Start-up Current (LT1952) VIN Start-up Current (LT1952-1) VIN Shutdown Current SD_VSEC Threshold SD_VSEC (ON) Current SD_VSEC (OFF) Current 5.2 460 400 240 1.261 1.32 0 10 11.7 6.5 700 575 350 1.379 2 LT1952/LT1952-1 ELECTRICAL CHARACTERISTICS PARAMETER VIN ON (LT1952) VIN OFF (LT1952) VIN HYSTERESIS (LT1952) VIN ON (LT1952-1) VIN OFF (LT1952-1) VIN HYSTERESIS (LT1952-1) VREF Output Voltage Line Regulation Load Regulation OSCILLATOR Frequency: fOSC Minimum Programmable fOSC Maximum Programmable fOSC SYNC Input Resistance SYNC Switching Threshold SYNC Frequency/fOSC fOSC Line Reg VROSC ERROR AMPLIFIER FB Reference Voltage FB Input Bias Current Open Loop Voltage Gain Unity Gain Bandwidth COMP Source Current COMP Sink Current COMP Current (Disabled) COMP High Level: VOH COMP Active Threshold COMP Low Level: VOL CURRENT SENSE ISENSE Maximum Threshold ISENSE Input Current (Duty Cycle = 0%) ISENSE Input Current (Duty Cycle = 80%) OC Threshold OC Input Current Default Blanking Time Adjustable Blanking Time VBLANK COMP = 2.5V, FB = 1V COMP = 2.5V, FB = 1V (Note 4) COMP = 2.5V, FB = 1V (Note 4) COMP = 2.5V, FB = 1V (OC = 100mV) COMP = 2.5V, FB = 1V, RBLANK = 40k (Note 10) COMP = 2.5V, FB = 1V, RBLANK = 120k 197 220 -8 -35 107 -50 180 540 1 243 mV A A mV nA ns ns V 19521fd The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. COMP = open, FB = 1.4V, ROSC = 178k, SYNC = 0V, SS_MAXDC = VREF, VREF = 0.1F SD_VSEC = 2V, BLANK = 121k, DELAY = 121k, ISENSE = 0V, OC = 0V, OUT = 1nF VIN = 15V, SOUT = open, unless otherwise specified. , , CONDITIONS l l l l l l l MIN TYP 14.25 8.75 MAX 15.75 9.25 6.75 8.13 6.82 UNITS V V V V V V 3.75 5.5 7.75 6.5 0.95 2.425 1.25 2.5 1 1 2.575 10 10 240 120 560 2.2 1.5 0.33 I(VREF) = 0A I(VREF) = 0A, 10V < VIN < 25V 0A < I(VREF) < 2.5mA ROSC = 178k, FB = 1V, SS_MAXDC = 1.84V ROSC = 365k, FB = 1V ROSC = 64.9k, COMP = 2.5V, SD_VSEC = 2.64V FB = 1V FB = 1V (Note 7) FB = 1V, ROSC = 178k; 10V < VIN < 25V, SS_MAXDC = 1.84V ROSC Pin voltage 10V < VIN < 25V, VOL + 0.2V < COMP < VOH - 0.2 FB = FB Reference Voltage VOL + 0.2V < COMP < VOH - 0.2 (Note 6) FB = 1V, COMP = 1.6V COMP = 1.6V FB = VREF, COMP = 1.6V FB = 1V, I(COMP) = -250A FB = 1V, SOUT Duty Cycle > 0 % I(COMP) = 250A V mV mV kHz kHz kHz k V %/V V l 165 80 440 200 100 500 18 1.5 1.25 0.05 1 l 1.201 65 -4 4 18 2.7 0.7 1.226 -75 85 3 -9 10 23 3.2 0.8 0.15 1.250 -200 V nA dB MHz mA mA 28 A V V 0.4 V 98 116 -100 3 LT1952/LT1952-1 ELECTRICAL CHARACTERISTICS PARAMETER SOUT DRIVER SOUT Clamp Voltage SOUT Low Level SOUT High Level SOUT Active Pull-Off in Shutdown SOUT to OUT (Rise) DELAY (tDELAY) VDELAY OUT DRIVER OUT Rise Time OUT Fall Time OUT Clamp Voltage OUT Low Level OUT High Level FB = 1V, CL = 1nF (Notes 3, 6) FB = 1V, CL = 1nF (Notes 3, 6) I(GATE) = 0A, COMP = 2.5V, FB = 1V I(GATE) = 20mA I(GATE) = 200mA I(GATE) = -20mA, VIN = 12V, COMP = 2.5V, FB = 1V I(GATE) = -200mA, VIN = 12V, COMP = 2.5V, FB = 1V VIN = 5V, SD_VSEC = 0V, OUT = 1V COMP = 2.5V, FB = 1V, RDELAY = 10k (fOSC = 200kHz), VIN = 10V SD_VSEC = 1.4V, SS_MAXDC = VREF COMP = 2.5V, FB = 1V, RDELAY = 10k (fOSC = 200kHz), VIN = 10V SD_VSEC = 1.32V, SS_MAXDC = 1.84V SD_VSEC = 2.64V, SS_MAXDC = 1.84V I(SS_MAXDC) = 150A, OC = 1V Measured on SS_MAXDC FB = 1V, DC > 0% SS_MAXDC = 1V, SD_VSEC = 1.4V, OC = 1V 11.5 50 30 13 0.45 1.25 9.9 9.75 20 14.5 0.75 1.8 ns ns V V V V V mA I(GATE) = 0A, COMP = 2.5V, FB = 1V I(GATE) = 25mA I(GATE) = -25mA, VIN = 12V, COMP = 2.5V, FB = 1V VIN = 5V, SD_VSEC = 0V, SOUT = 1V COMP = 2.5V, FB = 1V (Note 10) RDELAY = 120k 10 1 40 120 0.9 10.5 12 0.5 13.5 0.75 V V V mA ns ns V The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. COMP = open, FB = 1.4V, ROSC = 178k, SYNC = 0V, SS_MAXDC = VREF, VREF = 0.1F SD_VSEC = 2V, BLANK = 121k, DELAY = 121k, ISENSE = 0V, OC = 0V, OUT = 1nF VIN = 15V, SOUT = open, unless otherwise specified. , , CONDITIONS MIN TYP MAX UNITS OUT Active Pull-Off in Shutdown OUT Max Duty Cycle 83 90 % OUT Max Duty Cycle Clamp 63.5 25 72 33 0.2 0.45 0.8 800 80.5 41 % % V V V A SOFT-START SS_MAXDC Low Level: VOL SS_MAXDC Soft-Start Reset Threshold SS_MAXDC Active Threshold SS_MAXDC Input Current (Soft-Start Pull-Down: Idis) Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The LT1952EGN/LT1952EGN-1 are guaranteed to meet performance specifications from 0C to 125C junction temperature. Specifications over the -40C to 125C operating junction temperature range are assured by design, characterization and correlation with statistical process controls. The LT1952IGN/LT1952IGN-1 are guaranteed over the full -40C to 125C operating junction temperature range. Note 3: Rise and Fall times are measured at 10% and 90% levels. Note 4: Guaranteed by correlation to static test. Note 5: Each IC includes over-temperature protection that is intended to protect the device during momentary overload conditions. Junction temperature will exceed 125C when over-temperature protection is active. Continuous operation above the specified maximum operating junction temperature may impair device reliability. Note 6: Guaranteed but not tested. Note 7: Maximum recommended SYNC frequency = 500kHz. Note 8: In applications where the VIN pin is supplied via an external RC network from a SYSTEM VIN > 25V, an external zener with clamp voltage VIN ON(MAX) < VZ < 25V should be connected from the VIN pin to ground. Note 9: VIN start-up current is measured at VIN = VIN ON - 0.25V and scaled by x 1.18 (to correlate to worst case VIN start-up current at VIN ON). Note 10: Timing for R = 40k derived from measurement with R = 240k. 19521fd 4 LT1952/LT1952-1 TYPICAL PERFORMANCE CHARACTERISTICS FB Voltage vs Temperature 1.25 245 VIN SHUTDOWN CURRENT (A) 125 230 215 200 185 170 155 -50 Switching Frequency vs Temperature 500 VIN Shutdown Current vs Temperature VIN = 15V 450 SD_VSEC = 0V 400 350 300 250 200 150 1.24 FB VOLTAGE (V) 1.23 1.22 1.21 1.20 -50 SWITCHING FREQUENCY (kHz) -25 50 25 0 75 TEMPERATURE (C) 100 125 -25 50 25 0 75 TEMPERATURE (C) 100 100 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 1952 G01 1952 G02 1952 G03 VIN Start-up Current vs Temperature 600 550 VIN STARTUP CURRENT (A) 500 VIN IQ (mA) 450 400 350 300 250 200 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 4.0 LT1952-1 LT1952 5.5 5.0 4.5 SD_VSEC = 1.4V 6.5 6.0 VIN IQ vs Temperature OC = OPEN SD_VSEC TURN ON THRESHOLD (V) 1.42 SD_VSEC Turn ON Threshold vs Temperature 1.37 1.32 1.27 3.5 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 1.22 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 1952 G04 1952 G05 1952 G06 SD_VSEC Pin Current vs Temperature 15 PIN CURRENT BEFORE PART TURN ON 10 VIN (V) 18 16 14 VIN Turn ON/OFF Voltage vs Temperature 1.6 1.4 LT1952 VIN TURN ON VOLTAGE 1.2 COMP (V) 1.0 0.8 0.6 LT1952 VIN TURN OFF VOLTAGE 0.4 0.2 125 COMP Active Threshold vs Temperature RISENSE = 0k SD_VSEC PIN CURRENT (A) 12 10 8 LT1952-1 VIN ON LT1952-1 VIN OFF 100 6 -50 5 0mA PIN CURRENT AFTER PART TURN ON 0 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 -25 50 25 0 75 TEMPERATURE (C) 0 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 1952 G07 1952 G08 1952 G09 19521fd 5 LT1952/LT1952-1 TYPICAL PERFORMANCE CHARACTERISTICS COMP Source Current vs Temperature 12.5 COMP SOURCE CURRENT (mA) * (-1) FB = 1V COMP = 1.6V COMP SINK CURRENT (mA) 12.5 COMP Sink Current vs Temperature FB = 1.4V COMP = 1.6V COMP PIN CURRENT (A) 50 (Disabled) COMP Pin Current vs Temperature FB = VREF COMP = 1.6V 40 10.0 10.0 30 20 7.5 CURRENT OUT OF PIN 7.5 10 5.0 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 5.0 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 0 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 1952 G10 1952 G11 1952 G12 ISENSE Maximum Threshold vs COMP 240 200 160 120 80 40 0 0 0.5 1.0 240 TA = 25C RISENSE = 0k ISENSE MAX THRESHOLD (mV) 230 ISENSE Maximum Threshold vs Temperature COMP = 2.5V RISENSE = 0k ISENSE PIN CURRENT (A) 40 ISENSE Pin Current (Out of Pin) vs Duty Cycle TA = 25C ISENSE MAX THRESHOLD (mV) 30 OC THRESHOLD 220 20 210 10 2.0 1.5 COMP (V) 2.5 3.0 1952 G13 200 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 0 0 10 20 30 40 50 60 70 80 90 100 DUTY CYCLE (%) 1952 G15 1952 G14 ISENSE Maximum Threshold vs Duty Cycle (Programming Slope Compensation) 225 RSLOPE = 0W 120 OC (Overcurrent) Threshold vs Temperature PRECISION OVERCURRENT THRESHOLD INDEPENDENT OF DUTY CYCLE BLANK DURATION (ns) 800 Blank Duration vs Temperature ISENSE MAX THRESHOLD (mV) 215 205 RSLOPE = 470W 195 OC THRESHOLD (mV) 110 600 RBLANK = 120k 100 400 185 TA = 25C COMP = 2.5V 0 RSLOPE = 1k 90 200 RBLANK = 40k 175 10 20 30 40 50 60 70 80 90 100 DUTY CYCLE (%) 1952 G16 80 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 0 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 1952 G17 1952 G18 19521fd 6 LT1952/LT1952-1 TYPICAL PERFORMANCE CHARACTERISTICS BLANK Duration vs RBLANK 1000 TA = 25C 200 tDELAY: SOUT Rise to OUT Rise vs Temperature 240 tDELAY: SOUT Rise to OUT Rise vs RDELAY TA = 25C 800 150 RDELAY = 120k 160 tDELAY (ns) 80 RDELAY = 40k 0 0 40 80 tDELAY (ns) BLANK (ns) 600 100 400 200 50 0 0 20 40 60 80 100 120 140 160 RBLANK (k) 1952 G26 0 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 160 120 RDELAY (k) 200 240 1952 G27 1952 G19 OUT Rise/Fall Time vs OUT Load Capacitance 125 TA = 25C 100 OUT: Max Duty Cycle vs fOSC 90 OUT MAX DUTY CYCLE CLAMP (%) 80 70 60 50 40 30 20 10 OUT: Max Duty Cycle CLAMP vs SD_VSEC OUT RISE/FALL TIME (ns) 100 tr 75 tf 50 OUT DUTY CYCLE (%) 90 80 TA = 25C SS_MAXDC = 2.5V SD_VSEC = 1.4V 200 300 fOSC (kHz) 400 500 1952 G21 25 0 0 2000 1000 3000 4000 OUT LOAD CAPACITANCE (pF) 5000 1952 G20 70 100 0 1.32 TA = 25C SS_MAXDC = 1.84V fOSC = 200kHz RDELAY = 10k 1.65 1.98 SD_VSEC (V) 2.31 2.64 1952 G22 OUT: Max Duty Cycle CLAMP vs SS_MAXDC 90 OUT MAX DUTY CYCLE CLAMP (%) TA = 25C fOSC = 200kHz 80 R DELAY = 10k 70 60 50 40 30 20 1.60 SD_VSEC = 2.64V SD_VSEC = 1.98V SS_MAXDC (V) 2.32 SS_MAXDC Setting vs fOSC (for OUT DC = 72%) TA = 25C SD_VSEC = 1.32V 2.20 RDELAY = 10k SS_MAXDC (mV) 2.08 1.96 1.84 1.72 1.60 100 1952 G23 SS_MAXDC Reset and Active Thresholds vs Temperature 1.2 1.0 0.8 0.6 0.4 0.2 0 -50 ACTIVE THRESHOLD SD_VSEC = 1.32V RESET THRESHOLD 1.84 SS_MAXDC (V) 2.08 200 300 fOSC (kHz) 400 500 1952 G24 -25 50 25 0 75 TEMPERATURE (C) 100 125 1952 G25 19521fd 7 LT1952/LT1952-1 PIN FUNCTIONS COMP (Pin 1): Output Pin of the Error Amplifier. The error amplifier is an op amp, allowing various compensation networks to be connected between the COMP pin and FB pin for optimum transient response. The voltage on this pin corresponds to the peak current of the external FET. Full operating voltage range is between 0.8V and 2.5V corresponding to 0mV to 220mV at the ISENSE pin. For applications using the 100mV OC pin for overcurrent detection, typical operating range for the COMP pin is 0.8V to 1.6V. For isolated applications where COMP is controlled by an opto-coupler, the COMP pin output drive can be disabled with FB = VREF, reducing the COMP pin current to (COMP - 0.7)/40k. FB (Pin 2): Monitors the output voltage via an external resistor divider and is compared with an internal 1.23V reference by the error amplifier. FB connected to VREF disables error amplifier output. ROSC (Pin 3): A resistor to ground programs the operating frequency of the IC between 100kHz and 500kHz. Nominal voltage on the ROSC pin is 1.0V. SYNC (Pin 4): Used to Synchronize the Internal Oscillator to an External Signal. It is directly logic compatible and can be driven with any signal between 10% and 90% duty cycle. If unused, the pin can be left open or connected to ground. SS_MAXDC (Pin 5): External resistor divider from VREF sets maximum duty cycle clamp (SS_MAXDC = 1.84V, SD_VSEC = 1.32V gives 72% duty cycle). Capacitor on SS_MAXDC pin in combination with external resistor divider sets soft-start timing. VREF (Pin 6): The output of an internal 2.5V reference which supplies control circuitry in the IC. Capable of sourcing up to 2.5mA drive for external use. Bypass to ground with a 0.1F ceramic capacitor. SD_VSEC (Pin 7): The SD_VSEC pin, when pulled below its accurate 1.32V threshold, is used to turn off the IC and reduce current drain from VIN. The SD_VSEC pin is connected to system input voltage through a resistor divider to define undervoltage lockout (UVLO) and to provide a Volt-Second clamp on the OUT pin. A 10A pin current hysteresis allows external programming of UVLO hysteresis. GND (Pin 8): Analog Ground. BLANK (Pin 9): A resistor to ground adjusts the extended blanking period of the overcurrent and current sense amplifier outputs during FET turn on--to prevent false current limit trip. Increasing the resistor value increases the blanking period. ISENSE (Pin 10): The Current Sense Input for the Control Loop. Connect this pin to the sense resistor in the source of the external power MOSFET. A resistor in series with the ISENSE pin programs slope compensation. OC (Pin 11): An accurate 107mV threshold, independent of duty cycle, for overcurrent detection and trigger of soft-start. Connect this pin directly to the sense resistor in the source of the external power MOSFET. DELAY (Pin 12): A resistor to ground adjusts the delay period between SOUT rising edge and OUT rising edge. Used to maximize efficiency in forward converter applications by adjusting the control timing of secondary side synchronous rectifier MOSFETs. Increasing the resistor value increases the delay period. PGND (Pin 13): Power Ground. OUT (Pin 14): Drives the Gate of an N-channel MOSFET between 0V and VIN with a maximum limit of 13V on OUT pin set by an internal clamp. Active pull-off exists in shutdown (see electrical specification). VIN (Pin 15): Input Supply for the Part. It must be closely decoupled to ground. An internal undervoltage lockout threshold exists for VIN at approximately 14.25V on and 8.75V off for the LT1952. The LT1952-1 has lower undervoltage lockout thresholds set at 7.75V on and 6.5V off. SOUT (Pin 16): Switched Output in Phase with OUT Pin. Provides sync signal for control of secondary side FETs in forward converter applications requiring highly efficient synchronous rectification. SOUT is actively clamped to 12V. Active pull-off exists in shutdown (see electrical specification). 19521fd 8 LT1952/LT1952-1 TIMING DIAGRAM tDELAY: PROGRAMMABLE SYNCHRONOUS DELAY SOUT OUT SS_MAXDC FAULTS TRIGGERING SOFT-START VIN < 8.75V OR SD_VSEC < 1.32V (UVLO) OR OC > 107mV (OVERCURRENT) SOFT-START LATCH SET 0.8V (ACTIVE THRESHOLD) 0.45V (RESET THRESHOLD) 0.2V SOFT-START LATCH RESET: VIN > 14.25V (> 8.75V IF LATCH SET BY OC) AND SD_VSEC > 1.32V AND OC < 107mV AND SS_MAXDC < 0.45V 1952 F01 Figure 1. Timing Diagram BLOCK DIAGRAM VIN 15 LT1952 ISTART = 460A VIN ON = 14.25V VIN OFF = 8.75V LT1952-1 ISTART = 400A VIN ON = 7.75V VIN OFF = 6.5V VINON VINOFF START-UP INPUT CURRENT (ISTART) 0.45V VREF 6 SS_MAXDC 5 + SOFT-START CONTROL VREF >90% - + 2.5V SOURCE 2.5mA - R Q S - + 1.23V ADAPTIVE MAXIMUM DUTY CYCLE CLAMP 50mA 16 SOUT (TYPICAL 200kHz) SD_VSEC 7 ROSC 3 1.32V OSC (100 TO 500)kHz RAMP SYNC 4 (VOLTAGE) ERROR AMPLIFIER 1.23V BLANK SENSE CURRENT OVER CURRENT (LINEAR) SLOPE COMP 8A 0% DC 35A 80% DC S R 13 PGND 13V Q ON DELAY DRIVER 1A 14 OUT 0mV TO 220mV 107mV 2 FB 1 COMP 8 GND 9 12 DELAY BLANK Figure 2. Block Diagram 19521fd - + + - + 11 OC 10 ISENSE 1952 BD IHYST 10A SD_VSEC = 1.32V 0A SD_VSEC > 1.32V - - + + - 12V 9 LT1952/LT1952-1 OPERATION Introduction The LT1952/LT1952-1 are current mode synchronous PWM controllers optimized for control of the simplest forward converter topology--using only one primary MOSFET. The LT1952/LT1952-1 are ideal for 25W to 500W power systems where very high efficiency and reliability, low complexity and cost are required in a small space. Key features of the LT1952/LT1952-1 include an adaptive maximum duty cycle clamp for the single primary MOSFET. An additional output signal is included for synchronous rectifier control. A precision 107mV threshold senses overcurrent conditions and triggers Soft-Start for low stress short-circuit protection and control. The key functions of the LT1952/LT1952-1 are shown in the Block Diagram in Figure 2. Part Start-up In normal operation the SD_VSEC pin must exceed 1.32V and the VIN pin must exceed 14.25V (7.75V LT1952-1) to allow the part to turn on. This combination of pin voltages allows the 2.5V VREF pin to become active, supplying the LT1952/LT1952-1 control circuitry and providing up to 2.5mA external drive. SD_VSEC threshold can be used for externally programming an undervoltage lockout (UVLO) threshold on the system input voltage. Hysteresis on the UVLO threshold can also be programmed since the SD_VSEC pin draws 11A just before part turn on and 0A after part turn on. With the LT1952/LT1952-1 turned on, the VIN pin can drop as low as 8.75V (6.5V LT1952-1) before part shutdown occurs. This VIN pin hysteresis (5.5V LT1952; 1.25V LT1952-1) combined with low 460A (400A LT1952-1) start-up input current allows low power start-up using a resistor/capacitor network from system VIN to supply the VIN pin (Figure 3). The VIN capacitor value is chosen to prevent VIN falling below its turn off threshold before an auxiliary winding in the converter takes over supply to the VIN pin. Output Drivers The LT1952/LT1952-1 have two outputs, SOUT and OUT. The OUT pin provides a 1A peak MOSFET gate drive clamped to 13V. The SOUT pin has a 50mA peak drive clamped to 12V and provides sync signal timing for synchronous rectification control. For SOUT and OUT turn on, a PWM latch is set at the start of each main oscillator cycle. OUT turn on is delayed from SOUT turn on by a time tDELAY (Figure 2). tDELAY is programmed using a resistor from the DELAY pin to ground and is used to set the timing control of the secondary synchronous rectifiers for optimum efficiency. SOUT and OUT turn off at the same time each cycle by one of three methods: (1) MOSFET peak current sense at ISENSE pin (2) Adaptive maximum duty cycle clamp reached during load/line transients (3) Maximum duty cycle reset of the PWM latch During any of the following conditions--low VIN , low SD_VSEC or overcurrent detection at the OC pin--a softstart event is latched and both SOUT and OUT turn off immediately (Figure 1). Leading Edge Blanking To prevent MOSFET switching noise causing premature turn off of SOUT or OUT, programmable leading edge blanking exists. This means both the current sense comparator and overcurrent comparator outputs are ignored during MOSFET turn on and for an extended period after the OUT leading edge (Figure 6). The extended blanking period is programmable by adjusting a resistor from the BLANK pin to ground. Adaptive Maximum Duty Cycle Clamp (Volt-Second Clamp) For forward converter applications using the simplest topology of a single MOSFET on the primary, a maximum switch duty cycle clamp which adapts to transformer input voltage is necessary for reliable control of the MOSFET. This volt-second clamp provides a safeguard for transformer reset that prevents transformer saturation. Instantaneous load changes can cause the converter loop to demand maximum duty cycle. If the maximum duty cycle of the switch is too great, the transformer reset voltage can exceed the voltage rating of the primary-side MOSFET with 19521fd 10 LT1952/LT1952-1 OPERATION catastrophic damage. Many converters solve this problem by limiting the operational duty cycle of the MOSFET to 50% or less--or by using a fixed (non-adaptive) maximum duty cycle clamp with very large voltage rated MOSFETs. The LT1952/LT1952-1 provide a volt-second clamp to allow MOSFET duty cycles well above 50%. This gives greater power utilization for the MOSFET, rectifiers and transformer resulting in less space for a given power output. In addition, the volt-second clamp allows a reduced voltage rating on the MOSFET resulting in lower RDSON for greater efficiency. The volt-second clamp defines a maximum duty cycle `guard rail' which falls when system input voltage increases. The LT1952/LT1952-1 SD_VSEC and SS_MAXDC pins provide a capacitorless, programmable volt-second clamp solution. Some controllers with volt-second clamps control switch maximum duty cycle by using an external capacitor to program maximum switch ON time. Such techniques have a volt-second clamp inaccuracy directly related to the error of the external capacitor/pin capacitance and the error/drift of the internal oscillator. The LT1952/LT19521 use simple resistor ratios to implement a volt-second clamp without the need for an accurate external capacitor and with an order of magnitude less dependency on oscillator error. An increase of voltage at the SD_VSEC pin causes the maximum duty cycle clamp to decrease. If SD_VSEC is resistively divided down from transformer input voltage, a volt-second clamp is realised. To adjust the initial maximum duty cycle clamp, the SS_MAXDC pin voltage is programmed by a resistor divider from the 2.5V VREF pin to ground. An increase of programmed voltage on SS_MAXDC pin provides an increase of switch maximum duty cycle clamp. Soft-Start The LT1952/LT1952-1 provide true PWM soft-start by using the SS_MAXDC pin to control soft-start timing. The proportional relationship between SS_MAXDC voltage and switch maximum duty cycle clamp allows the SS_MAXDC pin to slowly ramp output voltage by ramping the maximum switch duty cycle clamp--until switch duty cycle clamp seamlessly meets the natural duty cycle of the converter. A soft-start event is triggered whenever VIN is too low, SD_VSEC is too low (UVLO), or a 107mV overcurrent threshold at OC pin is exceeded. Whenever a soft-start event is triggered, switching at SOUT and OUT is stopped immediately. The SS_MAXDC pin is discharged and only released for charging when it has fallen below it's reset threshold of 0.45V and all faults have been removed. Increasing voltage on the SS_MAXDC pin above 0.8V will increase switch maximum duty cycle. A capacitor to ground on the SS_MAXDC pin in combination with a resistor divider from VREF , defines the soft-start timing. Current Mode Topology (ISENSE Pin) The LT1952/LT1952-1 current mode topology eases frequency compensation requirements because the output inductor does not contribute to phase delay in the regulator loop. This current mode technique means that the error amplifier (nonisolated applications) or the optocoupler (isolated applications) commands current (rather than voltage) to be delivered to the output. This makes frequency compensation easier and provides faster loop response to output load transients. A resistor divider from the application's output voltage generates a voltage at the inverting FB input of the LT1952/ LT1952-1 error amplifier (or to the input of an external optocoupler) and is compared to an accurate reference (1.23V for LT1952/LT1952-1). The error amplifier output (COMP) defines the input threshold (ISENSE) of the current sense comparator. COMP voltages between 0.8V (active threshold) and 2.5V define a maximum ISENSE threshold from 0mV to 220mV. By connecting ISENSE to a sense resistor in series with the source of an external power MOSFET, the MOSFET peak current trip point (turn off) can be controlled by COMP level and hence by the output voltage. An increase in output load current causing the output voltage to fall, will cause COMP to rise, increasing ISENSE threshold, increasing the current delivered to the output. For isolated applications, the error amplifier COMP output can be disabled to allow the optocoupler to take control. Setting FB = VREF disables the error amplifier COMP output, reducing pin current to (COMP - 0.7)/40k. 19521fd 11 LT1952/LT1952-1 OPERATION Slope Compensation The current mode architecture requires slope compensation to be added to the current sensing loop to prevent subharmonic oscillations which can occur for duty cycles above 50%. Unlike most current mode converters which have a slope compensation ramp that is fixed internally, placing a constraint on inductor value and operating frequency, the LT1952/LT1952-1 have externally adjustable slope compensation. Slope compensation can be programmed by inserting an external resistor (RSLOPE) in series with the ISENSE pin. The LT1952/LT1952-1 have a linear slope compensation ramp which sources current out of the ISENSE pin of approximately 8A at 0% duty cycle to 35A at 80% duty cycle. Overcurrent Detection and Soft-Start (OC Pin) An added feature to the LT1952/LT1952-1 is a precise 100mV sense threshold at the OC pin used to detect overcurrent conditions in the converter and set a soft-start latch. The OC pin is connected directly to the source of the primary side MOSFET to monitor peak current in the MOSFET (Figure 7). The 107mV threshold is constant over the entire duty cycle range of the converter because it is unaffected by the slope compensation added to the ISENSE pin. Synchronizing A SYNC pin allows the LT1952/LT1952-1 oscillator to be synchronized to an external clock. The SYNC pin can be driven from a logic level output, requiring less than 0.8V for a logic level low and greater than 2.2V for a logic level high. Duty cycle should run between 10% and 90%. To avoid loss of slope compensation during synchronization, the free running oscillator frequency (fOSC) should be programmed to 80% of the external clock frequency (fSYNC). The RSLOPE resistor chosen for non-synchronized operation should be increased by 1.25x (= fSYNC/fOSC). APPLICATIONS INFORMATION Shutdown and Programming Undervoltage Lockout The LT1952/LT1952-1 have an accurate 1.32V shutdown threshold at the SD_VSEC pin. This threshold can be used in conjunction with a resistor divider to define the undervoltage lockout threshold (UVLO) of the system input voltage (VS) to the power converter (Figure 3). A pin current hysteresis (10A before part turn on, 0A after part turn on) allows UVLO hysteresis to be programmed. Calculation of the ON/OFF thresholds for the supply (SVIN) to the power converter can be made as follows: VS OFF Threshold = 1.32[1 + (R1/R2)] VS ON Threshold = SVIN OFF + (10A * R1) A simple open drain transistor can be added to the resistor divider network at the SD_VSEC pin to control the turn off of the LT1952/LT1952-1 (Figure 3). The SD_VSEC pin must not be left open since there must be an external source current >10A to lift the pin past its 1.32V threshold for part turn on. SYSTEM INPUT (VS) R1 SD_VSEC OPTIONAL SHUTDOWN TRANSISTOR 11A R2 1.32V - + ON OFF LT1952/LT1952-1 1952 F03 Figure 3. Programming Undervoltage Lockout (UVLO) Micropower Start-Up: Selection of Start-Up Resistor and Capacitor for VIN The LT1952/LT1952-1 use turn-on voltage hysteresis at the VIN pin and low start-up current to allow micro-power start-up (Figure 4). The LT1952/LT1952-1 monitor VIN pin voltage to allow part turn on at 14.25V (7.75V LT1952-1) and part turn off at 8.75V (6.5V LT1952-1). Low start-up 19521fd 12 LT1952/LT1952-1 APPLICATIONS INFORMATION current (460A LT1952; 400A LT1952-1) allows a large resistor to be connected between system input supply and VIN . Once the part is turned on, input current increases to drive the IC (4.5mA) and the output drivers (IDRIVE). A large enough capacitor is chosen at the VIN pin to prevent VIN falling below its turn off threshold before an auxiliary winding in the converter takes over supply to VIN . This technique allows a simple resistor/capacitor for start-up which draws low power from the system supply to the converter. The values for RSTART and CSTART are given by: RSTART(MAX) = (VS(MIN) - VIN ON(max))/ISTART(MAX) CSTART(MIN) = (IQ(MAX) + IDRIVE(MAX)) * tSTART/ VIN HYST(MIN) Example: (LT1952) For VS(MIN) = 36V, VIN ON(MAX) = 15.75V, ISTART(MAX) = 700A, IQ(MAX) = 5.5mA, IDRIVE(MAX) = 5mA, VIN HYST(MIN) = 3.75V and tSTART = 100s, RSTART = (36 - 15.75)/700A = 28.9k (choose 28.7k) FREQUENCY (kHz) possibly exceeding the rating for the VIN pin. The zener voltage should obey VIN ON(MAX) < VZ < 25V. Programming Oscillator Frequency The oscillator frequency (fOSC) of the LT1952/LT1952-1 is programmed using an external resistor (ROSC) connected between the ROSC pin and ground. Figure 5 shows typical fOSC vs ROSC resistor values. The LT1952/LT1952-1 freerunning oscillator frequency is programmable in the range of 100kHz to 500kHz. Stray capacitance and potential noise pickup on the ROSC pin should be minimized by placing the ROSC resistor as close as possible to the ROSC pin and keeping the area of the ROSC node as small as possible. The ground side of the ROSC resistor should be returned directly to the (analog ground) GND pin. ROSC can be calculated by: ROSC = 9.125k [(4100k/fOSC) - 1] 500 450 400 350 300 250 200 150 100 50 100 150 200 250 ROSC (k) 300 350 400 CSTART = (5.5mA + 5mA) * 100s/3.75V = 0.28F (typically choose 1F) For system input voltages exceeding the absolute maximum rating of the LT1952/LT1952-1 VIN pin, an external zener should be connected from the VIN pin to ground. This covers the condition where VIN charges past VIN ON but the part does not turn on because SD_VSEC < 1.32V. In this condition VIN will continue to charge towards system VIN , SYSTEM INPUT (VS) FROM AUXILIARY WINDING RSTART VIN (14.25V ON, 8.75V OFF) LT1952 (7.75V ON, 6.5V OFF) LT1952-1 1952 F05 Figure 5. Oscillator Frequency (fOSC) vs ROSC Programming Leading Edge Blank Time For PWM controllers driving external MOSFETs, noise can be generated at the source of the MOSFET during gate rise time and some time thereafter. This noise can potentially exceed the OC and ISENSE pin thresholds of the LT1952/LT1952-1 to cause premature turn off of SOUT and OUT in addition to false trigger of soft-start. The LT1952/ LT1952-1 provide programmable leading edge blanking of the OC and ISENSE comparator outputs to avoid false current sensing during MOSFET switching. 19521fd D1* - 1.32V CSTART + *FOR VS > 25V, ZENER D1 RECOMMENDED (VIN ON(MAX) < VZ < 25V) 1952 F04 Figure 4. Low Power Start-Up 13 LT1952/LT1952-1 APPLICATIONS INFORMATION Blanking is provided in 2 phases (Figure 6): The first phase automatically blanks during gate rise time. Gate rise times can vary depending on MOSFET type. For this reason the LT1952/LT1952-1 perform true `leading edge blanking' by automatically blanking OC and ISENSE comparator outputs until OUT rises to within 0.5V of VIN or reaches its clamp level of 13V. The second phase of blanking starts after the leading edge of OUT has been completed. This phase is programmable by the user with a resistor connected from the BLANK pin to ground. Typical durations for this portion of the blanking period are from 45ns at RBLANK = 10k to 540ns at RBLANK = 120k. Blanking duration can be approximated as: Blanking (extended) = [45(RBLANK/10k)]ns (see graph in Typical Performance Characteristics) (AUTOMATIC) LEADING EDGE BLANKING (PROGRAMMABLE) EXTENDED BLANKING CURRENT SENSE DELAY the MOSFET. The current limit for the converter can be programmed by: Current limit = (107mV/RS)(NP/NS) - (1/2)(IRIPPLE) where: RS = sense resistor in source of primary MOSFET IRIPPLE = p-p ripple current in the output inductor L1 NS = number of transformer secondary turns NP = number of transformer primary turns Programming Slope Compensation The LT1952/LT1952-1 use a current mode architecture to provide fast response to load transients and to ease frequency compensation requirements. Current mode switching regulators which operate with duty cycles above 50% and have continuous inductor current must add slope compensation to their current sensing loop to prevent subharmonic oscillations. (For more information on slope compensation, see Application Note 19.) The LT1952/ LT1952-1 have programmable slope compensation to allow a wide range of inductor values, to reduce susceptibility to PCB generated noise and to optimize loop bandwidth. The LT1952/LT1952-1 program slope compensation by inserting a resistor RSLOPE in series with the ISENSE pin (Figure 7). The LT1952/LT1952-1 generate a current at the ISENSE pin which is linear from 0% duty cycle to the maximum duty cycle of the OUT pin. A simple calculation of I(ISENSE) * RSLOPE gives an added ramp to the voltage at the ISENSE pin for programmable slope compensation. (See both graphs `ISENSE Pin Current vs. Duty Cycle' and `ISENSE Maximum Threshold vs Duty Cycle' in the Typical Performance Characteristics section.) CURRENT SLOPE = 35A * DC LT1952/ LT1952-1 OUT OC ISENSE 1952 F07 OUT RBLANK (MIN) 10k < RBLANK 240k 100ns = 10k BLANKING 0 Xns X + 45ns [X + 45(RBLANK/10k)]ns 1952 F06 Figure 6. Leading Edge Blank Timing Programming Current Limit (OC Pin) The LT1952/LT1952-1 use a precise 107mV sense threshold at the OC pin to detect overcurrent conditions in the converter and set a soft-start latch. It is independent of duty cycle because it is not affected by slope compensation programmed at the ISENSE pin. The OC pin monitors the peak current in the primary MOSFET by sensing the voltage across a sense resistor (RS) in the source of VS RSLOPE RS V(ISENSE) = VS + (ISENSE * RSLOPE) ISENSE = 8A + 35DC A DC = DUTY CYCLE FOR SYNC OPERATION ISENSE(SYNC) = 8A + (k * 35DC)A k = fOSC/fSYNC Figure 7. Programming Slope Compensation 19521fd 14 LT1952/LT1952-1 APPLICATIONS INFORMATION Programming Synchronous Rectifier Timing: SOUT to OUT delay (`tDELAY') The LT1952/LT1952-1 have an additional output SOUT which provides a 50mA peak drive clamped to 12V. In applications requiring synchronous rectification for high efficiency, the LT1952/LT1952-1 SOUT provides a sync signal for secondary side control of the synchronous rectifier MOSFETs (Figure 11). Timing delays through the converter can cause non-optimum control timing for the synchronous rectifier MOSFETs. The LT1952/LT1952-1 provide a programmable delay (tDELAY , Figure 8) between SOUT rising edge and OUT rising edge to optimize timing control for the synchronous rectifier MOSFETs to achieve maximum efficiency gains. A resistor RDELAY connected from the DELAY pin to ground sets the value of tDELAY. Typical values for tDELAY range from 10ns with RDELAY = 10k to 160ns with RDELAY = 160k. (see graph in Typical Performance Characteristics) tDELAY LT1952/ LT1952-1 DELAY 1952 F08 SS_MAXDC pin using a resistor divider from VREF . An increase of voltage at the SS_MAXDC pin causes the maximum duty cycle clamp to increase. To program the volt-second clamp, the following steps should be taken: (1)The maximum operational duty cycle of the converter should be calculated for the given application. (2)An initial value for the maximum duty cycle clamp should be calculated using the equation below with a first pass guess for SS_MAXDC. Note: Since maximum operational duty cycle occurs at minimum system input voltage (UVLO), the voltage at the SD_VSEC pin = 1.32V. Max Duty Cycle Clamp (OUT pin) = k * 0.522(SS_MAXDC(DC)/SD_VSEC) - (tDELAY * fOSC) where, SS_MAXDC(DC) = VREF(RB /(RT + RB) SD_VSEC = 1.32V at minimum system input voltage SOUT OUT RDELAY tDELAY = programmed delay between SOUT and OUT k = 1.11 - 5.5e-7 * (fOSC) (3) The maximum duty cycle clamp calculated in (2) should be programmed to be 10% greater than the maximum operational duty cycle calculated in (1). Simple adjustment of maximum duty cycle can be achieved by adjusting SS_MAXDC. SYSTEM INPUT VOLTAGE R1 ADAPTIVE DUTY CYCLE CLAMP INPUT R2 RT* VREF RB 1952 F09 Figure 8. Programming SOUT to OUT Delay: tDELAY Programming Maximum Duty Cycle Clamp For forward converter applications using the simplest topology of a single MOSFET on the primary, a maximum switch duty cycle clamp which adapts to transformer input voltage is necessary for reliable control of the MOSFET. This volt-second clamp provides a safeguard for transformer reset that prevents transformer saturation. The LT1952/LT1952-1 SD_VSEC and SS_MAXDC pins provide a capacitor-less, programmable volt-second clamp solution using simple resistor ratios (Figure 9). An increase of voltage at the SD_VSEC pin causes the maximum duty cycle clamp to decrease. Deriving SD_VSEC from a resistor divider connected to system input voltage creates the volt-second clamp. The maximum duty cycle clamp can be adjusted by programming voltage on the LT1952/ LT1952-1 SD_VSEC SS_MAXDC MAX DUTY CYCLE CLAMP ADJUST INPUT *MINIMUM ALLOWABLE RT IS 10k TO GUARANTEE SOFT-START PULL-OFF Figure 9. Programming Maximum Duty Cycle Clamp 19521fd 15 LT1952/LT1952-1 APPLICATIONS INFORMATION Example calculation for (2) For RT = 35.7k, RB = 100k, VREF = 2.5V, RDELAY = 40k, fOSC = 200kHz and SD_VSEC = 1.32V, this gives SS_MAXDC(DC) = 1.84V, tDELAY = 40ns and k = 1 Maximum Duty Cycle Clamp = 1 * 0.522(1.84/1.32) - (40ns * 200kHz) = 0.728 - 0.008 = 0.72 (Duty Cycle Clamp = 72%) Note 1: To achieve the same maximum duty cycle clamp at 100kHz as calculated for 200kHz, the SS_MAXDC voltage should be reprogrammed by: SS_MAXDC(DC) (100kHz) = SS_MAXDC(DC) (200kHz) * k (200kHz)/k (100kHz) = 1.84 * 1.0/1.055 = 1.74V (k = 1.055 for 100kHz) Note 2 : To achieve the same maximum duty cycle clamp while synchronizing to an external clock at the SYNC pin, the SS_MAXDC voltage should be re-programmed as: SS_MAXDC (DC) (fsync) = SS_MAXDC (DC) (200kHz) * [(fosc/fsync) + 0.09(fosc/200kHz)0.6] For SS_MAXDC (DC) (200kHz) = 1.84V for 72% duty cycle SS_MAXDC (DC) (fsync = 250kHz) for 72% duty cycle = 1.84 * [(200kHz/250kHz) + 0.09(1)0.6] = 1.638V Programming Soft-Start Timing The LT1952/LT1952-1 have built-in soft-start capability to provide low stress controlled start-up from a list of fault conditions that can occur in the application (see Figure 1 and Figure 10). The LT1952/LT1952-1 provide true PWM soft-start by using the SS_MAXDC pin to control soft-start timing. The proportional relationship between SS_MAXDC voltage and switch maximum duty cycle clamp allows the SS_MAXDC pin to slowly ramp output voltage by ramping the maximum switch duty cycle clamp--until switch duty cycle clamp seamlessly meets the natural duty cycle of the converter. A capacitor CSS on the SS_MAXDC pin and the resistor divider from VREF used to program maximum switch duty cycle clamp, determine soft-start timing (Figure 11). A soft-start event is triggered for the following faults: (1) VIN < 8.75V, or (2) SD_VSEC < 1.32V (UVLO), or (3) OC > 107mV (overcurrent condition) When a soft-start event is triggered, switching at SOUT and OUT is stopped immediately. A soft-start latch is set and SS_MAXDC pin is discharged. The SS_MAXDC pin can only recharge when the soft-start latch has been reset. Note: A soft-start event caused by (1) or (2) above, also causes VREF to be disabled and to fall to ground. Soft-start latch reset requires all of the following: SS_MAXDC SOFT-START SOFT-START EVENT TRIGGERED 0.8V (ACTIVE THRESHOLD) 0.45V (RESET THRESHOLD) TIMING (A): SOFT START FAULT REMOVED START FAULT REMOVED BEFORE SS_MAXDC FALLS TO 0.45V SS_MAXDC 0.8V (ACTIVE THRESHOLD) 0.45V (RESET THRESHOLD) 0.2V TIMING (B): SOFT-STARTFAULT REMOVED SOFT-START FAULT REMOVED AFTER SS_MAXDC FALLS PAST 0.45V PAST 0.45V 1952 F10 Figure 10. Soft-Start Timing SS_MAXDC(DC) LT1952/ LT1952-1 SS_MAXDC RT VREF CSS RB CSS 1952 F11 RCHARGE LT1952/ LT1952-1 SS_MAXDC SS_MAXDC CHARGING MODEL SS_MAXDC(DC) = VREF [RB/(RT + RB)] RCHARGE = [RT * RB/(RT + RB)] Figure 11. Programming Soft-Start Timing 19521fd 16 LT1952/LT1952-1 APPLICATIONS INFORMATION (A) VIN > 14.25* (7.75V LT1952-1), and (B) SD_VSEC > 1.32V, and (C) OC < 107mV, and (D) SS_MAXDC < 0.45V (SS_MAXDC reset threshold) *VIN > 8.75V (6.5V LT1952-1) is ok for latch reset if the latch was only set by overcurrent condition in (3) above. SS_MAXDC Discharge Timing It can be seen in Figure 10 that two types of discharge can occur for the SS_MAXDC pin. In timing (A) the fault that caused the soft-start event has been removed before SS_MAXDC falls to 0.45V. This means the soft-start latch will be reset when SS_MAXDC falls to 0.45V and SS_MAXDC will begin charging. In timing (B), the fault that caused the soft-start event is not removed until some time after SS_MAXDC has fallen past 0.45V. The SS_MAXDC pin continues to discharge to 0.2V and remains low until all faults are removed. The time for SS_MAXDC to fall to a given voltage can be approximated as: SS_MAXDC (tFALL) = (CSS/IDIS) * [SS_MAXDC(DC) - VSS(MIN)] where: IDIS = net discharge current on CSS CSS = capacitor value at SS_MAXDC pin SS_MAXDC(DC) = programmed DC voltage VSS(MIN) = minimum SS_MAXDC voltage before recharge IDIS ~ 8e-4 + (VREF - VSS(MIN))[(1/2RB) - (1/RT)] For faults arising from (1) and (2), VREF = 100mV. For a fault arising from (3), VREF = 2.5V. SS_MAXDC(DC) = VREF[RB/(RT + RB)] VSS(MIN) = SS_MAXDC reset threshold = 0.45V (if fault removed before tFALL) 19521fd Example: For an overcurrent fault (OC > 100mV), VREF = 2.5V, RT = 35.7k, RB = 100k, CSS = 0.1F and assume VSS(MIN) = 0.45V, IDIS ~ 8e-4 + (2.5 - 0.45)[(1/2 * 100k) - (1/35.7k)] = 8e-4 + (2.05)(-0.23e-4) = 7.5e-4 SS_MAXDC(DC) = 1.84V SS_MAXDC (tFALL) = (1e - 7/7.5e-4) * (1.84 - 0.45) = 1.85e-4 s If the OC fault is not removed before 185s then SS_MAXDC will continue to fall past 0.45V towards a new VSS(MIN). The typical VOL for SS_MAXDC at 150A is 0.2V. SS_MAXDC Charge Timing When all faults are removed and the SS_MAXDC pin has fallen to its reset threshold of 0.45V or lower, the SS_MAXDC pin will be released and allowed to charge. SS_MAXDC will rise until it settles at its programmed DC voltage--setting the maximum switch duty cycle clamp. The calculation of charging time for the SS_MAXDC pin between any two voltage levels can be approximated as an RC charging waveform using the model shown in Figure 11. The ability to predict SS_MAXDC rise time between any two voltages allows prediction of several key timing periods: (1)No Switching Period (time from SS_MAXDC(DC) to VSS(MIN) + time from VSS(MIN) to VSS(ACTIVE)) (2)Converter Output Rise Time (time from VSS(ACTIVE) to VSS(REG); VSS(REG) is the level of SS_MAXDC where maximum duty cycle clamp equals the natural duty cycle of the switch) (3)Time For Maximum Duty Cycle Clamp within X% of Target Value The time for SS_MAXDC to charge to a given voltage VSS is found by re-arranging: 17 LT1952/LT1952-1 APPLICATIONS INFORMATION VSS(t) = SS_MAXDC(DC) (1 - e(-t/RC)) to give: t = RC * (-1) * ln(1 - VSS/SS_MAXDC(DC)) where: VSS = SS_MAXDC voltage at time t SS_MAXDC(DC) = programmed DC voltage setting maximum duty cycle clamp = VREF(RB /(RT + RB) R = RCHARGE (Figure 11) = RT * RB /(RT + RB) C = CSS (Figure 11) Example (1) No Switching Period The period of no switching for the converter, when a soft-start event has occurred, depends on how far SS_MAXDC can fall before recharging occurs and how long a fault exists. It will be assumed that a fault triggering soft-start is removed before SS_MAXDC can reach its reset threshold (0.45V). No Switching Period = tDISCHARGE + tCHARGE tDISCHARGE = discharge time from SS_MAXDC(DC) to 0.45V tCHARGE = charge time from 0.45V to VSS(ACTIVE) tDISCHARGE was already calculated earlier as 185s. tCHARGE is calculated by assuming the following: VREF = 2.5V, RT = 35.7k, RB = 100k, CSS = 0.1F and VSS(MIN) = 0.45V. tCHARGE = t(VSS = 0.8V) - t(VSS = 0.45V) Step 1: SS_MAXDC(DC) = 2.5[100k/(35.7k + 100k)] = 1.84V RCHARGE = (35.7k * 100k/135.7k) = 26.3k Step 2: t(VSS = 0.45V) is calculated from, t = RCHARGE * CSS * (-1) * ln(1 - VSS/SS_MAXDC(DC)) = 2.63e4 * 1e-7 * (-1) * ln(1 - 0.45/1.84) = 2.63e-3 * (-1) * ln(0.755) = 7.3e-4 s Step 3: t(VSS = 0.8V) is calculated from: t = RCHARGE * CSS * (-1) * ln(1 - VSS/SS_MAXDC(DC)) = 2.63e4 * 1e-7 * (-1) * ln(1 - 0.8/1.84) = 2.63e-3 * (-1) * ln(0.565) = 1.5e-3 s From Step 1 and Step 2: tCHARGE = (1.5 - 0.73)e-3 s = 7.7e-4 s The total time of no switching for the converter due to a soft-start event: = tDISCHARGE + tCHARGE = 1.85e-4 + 7.7e-4 = 9.55e-4 s Example (2) Converter Output Rise Time The rise time for the converter output to reach regulation can be closely approximated as the time between the start of switching (SS_MAXDC = VSS(ACTIVE)) and the time where converter duty cycle is in regulation (DC(REG)) and no longer controlled by SS_MAXDC (SS_MAXDC = VSS(REG)). Converter output rise time can be expressed as: Output Rise Time = t(VSS(REG)) - t(VSS(ACTIVE)) Step 1: Determine converter duty cycle DC(REG) for output in regulation. The natural duty cycle DC(REG) of the converter depends on several factors. For this example it is assumed that DC(REG) = 60% for system input voltage near the undervoltage lockout threshold (UVLO). This gives SD_VSEC = 1.32V. Also assume that the maximum duty cycle clamp programmed for this condition is 72% for SS_MAXDC(DC) = 1.84V, fOSC = 200kHz and RDELAY = 40k. Step 2: Calculate VSS(REG) To calculate the level of SS_MAXDC (VSS(REG)) that no longer clamps the natural duty cycle of the converter, the equation for maximum duty cycle clamp must be used (see previous section `Programming Maximum Duty Cycle Clamp'). The point where the maximum duty cycle clamp meets DC(REG) during soft-start is given by: DC(REG) = Max Duty Cycle clamp 0.6 = k * 0.522(SS_MAXDC(DC)/SD_VSEC) - (tDELAY * fOSC) 19521fd 18 LT1952/LT1952-1 APPLICATIONS INFORMATION For SD_VSEC = 1.32V, fOSC = 200kHz and RDELAY = 40k This gives k = 1 and tDELAY = 40ns. Re-arranging the above equation to solve for SS_MAXDC = VSS(REG) = [0.6 + (tDELAY * fOSC)(SD_VSEC)]/(k * 0.522) = [0.6 + (40ns * 200kHz)(1.32V)]/(1 * 0.522) = (0.608)(1.32)/0.522 = 1.537V Step 3: Calculate t(VSS(REG)) - t(VSS(ACTIVE)) Recall the time for SS_MAXDC to charge to a given voltage VSS is given by: t = RCHARGE * CSS * (-1) * ln(1 - VSS/SS_MAXDC(DC)) (Figure 11 gives the model for SS_MAXDC charging) For RT = 35.7k, RB = 100k, RCHARGE = 26.3k For CSS = 0.1F, this gives t(VSS(ACTIVE)) = t(VSS(0.8V)) = 2.63e4 * 1e-7 * (-1) * ln(1 - 0.8/1.84) = 2.63e-3 * (-1) * ln(0.565) = 1.5e-3 s t(VSS(REG)) = t(VSS(1.537V)) = 26.3k * 0.1F * -1 * ln(1 - 1.66/1.84) = 2.63e-3 * (-1) * ln(0.146) = 5e-3 s The rise time for the converter output = t(VSS(REG)) - t(VSS(ACTIVE)) = (5 - 1.5)e-3 s = 3.5e-3 s Example (3) Time For Maximum Duty Cycle Clamp to Reach Within X% of Target Value A maximum duty cycle clamp of 72% was calculated previously in the section `Programming Maximum Duty Cycle Clamp'. The programmed value used for SS_MAXDC(DC) was 1.84V. The time for SS_MAXDC to charge from its minimum value VSS(MIN) to within X% of SS_MAXDC(DC) is given by: t(SS_MAXDC charge time within X% of target) = t[(1 - (X/100) * SS_MAXDC(DC)] - t(VSS(MIN)) For X = 2 and VSS(MIN) = 0.45V, t(0.98 * 1.84) - t(0.45) = t(1.803) - t(0.45) From previous calculations, t(0.45) = 7.3e - 4 s. Using previous values for RT, RB, and CSS, 19521fd t(1.803) = 2.63e-4 * 1e-7 * (-1) * ln(1 - 1.803/1.84) = 2.63e-3 * (-1) * ln(0.02) = 1.03e-2 s Hence the time for SS_MAXDC to charge from its minimum reset threshold of 0.45V to within 2% of its target value is given by: t(1.803) - t(0.45) = 1.03e-2 - 7.3e-4 = 9.57e-3 Forward Converter Applications The following section covers applications where the LT1952/LT1952-1 are used in conjunction with other LTC parts to provide highly efficient power converters using the single switch forward converter topology. 95% Efficient, 5V, Synchronous Forward Converter The circuit in Figure 14 is based on the LT1952-1 to provide the simplest forward power converter circuit--using only one primary MOSFET. The SOUT pin of the LT1952-1 provides a synchronous control signal for the LTC1698 located on the secondary. The LTC1698 drives secondary side synchronous rectifier MOSFETs to achieve high efficiency. The LTC1698 also serves as an error amplifier and optocoupler driver. Efficiency and transient response are shown in Figures 12 and 13. Peak efficiencies of 95% and ultra-fast transient response are superior to presently available power modules. Integrated soft-start, overcurrent detection and short-circuit hiccup mode provide low stress, reliable protection. In addition, the circuit in Figure 14 is an allceramic capacitor solution providing low output ripple voltage and improved reliability. The LT1952-based converter can be used to replace power module converters at a much lower cost. The LT1952 solution benefits from thermal conduction of the system board resulting in higher efficiencies and lower rise in component temperatures. The 7mm height allows dense packaging and the circuit can easily be adjusted to provide an output voltage from 1.23V to 26V. Higher currents are achievable by simple scaling of power components. The LT1952-1-based solution in Figure 14 is a powerful topology for replacement of a wide range of power modules. 19 LT1952/LT1952-1 APPLICATIONS INFORMATION 98 96 EFFICIENCY (%) 94 92 90 88 86 0 5 VIN = 48V VOUT = 5V fOSC = 300kHz 15 10 LOAD CURRENT (A) 20 25 1952 F12 IOUT (5A/DIV) 0A VOUT (200mV/DIV) 20s/DIV 1952 F13 Figure 13. Output Voltage Transient Response (6A to 12A Load Step at 6A/s) Figure 12. LT1952-Based Synchronous Forward Converter Efficiency vs Load Current (For Circuit in Figure 14) +VIN 36V TO 72V CIN 2.2F 100V X5R T1 PA0491 L1 PA1393.152 475k SOUT 16 5 100k 22k 6 2 0.1F 0.1F 3 115k 4 SYNC BLANK DELAY 9 40k 12 33k 1F 4.75k COMP 1 T2 SOUT 220pF SYNC 560 ROSC VIN VREF FB SOUT SS_MAXDC SD_VSEC OUT OC ISENSE LT1952-1 PGND GND 7 14 11 10 13 8 15 10VBIAS 9.53k 1F X5R R13 270 C9, 6.8nF R14 1.2k 1 2 3 +V0UT R15 38.3k R16 12.4k 7VBIAS 1 2 3 4 5 6 VDD CG PGND GND OPTO VCOMP LTC1698 FG SYNC VAUX ICOMP +ISNS -ISNS 16 15 14 13 12 11 SYNC 1k 18.2k 0.015 Q1 Q2 PH3830 Q3 PH3830 +V0UT 5V 20A C01 100F X5R 2 0.1F 10VBIAS 6 Q1: PHM15NQ20 PHILIPS 0.1F 5 4 HCPL-M453 8 VFB OVP 9 1952 F14 Figure 14. 36V to 72V Input to 5V at 20A Synchronous Forward Converter 19521fd 20 LT1952/LT1952-1 APPLICATIONS INFORMATION 48V to Isolated 12V, 20A (No Opto-Coupler) `Bus Converter' The wide programmable range and accuracy of the LT1952/LT1952-1 Volt-Second clamp makes the LT1952/ LT1952-1 an ideal choice for `Bus Converter' applications where the Volt-Second clamp provides line regulation for the converter output. The 48V to 12V 20A `Bus Converter' application in Figure16 shows a semi-regulated isolated output without the need for an optocoupler, optocoupler driver, reference or feedback network. Some `Bus Converter' solutions run with a fixed 50% duty cycle resulting in an output variation of 2-to-1 for applications with a 72V to 36V input range. The LT1952/LT1952-1 use an accurate wide programmable range Volt-Second clamp to initially program and then control power supply output voltage to typically 10% for the same 36V to 72V input range. Efficiency for the LT1952 based bus converter in Figure 16 achieves a high 94% at 20A (Figure 15). The solution is only slightly larger than 1/4 "brick" size and uses only ceramic capacitors for high reliability. 96.0 95.5 EFFICIENCY (%) 95.0 94.5 94.0 93.5 93.0 VIN = 48V VOUT = 12V 4 6 8 10 12 14 16 LOAD CURRENT (A) 18 20 1952 F15 Figure 15. LT1952-Based Synchronous `Bus Converter' Efficiency vs Load Current (For Circuit in Figure 16) VIN 36V TO 72V 47k 82k VU1 BAS516 0.1F 18V 12V 2.2F, 100V 2x T1 PA0815.002 ** 2.4H * VOUT 12V, 20A COUT 33F, 16V X5R, TDK 3x BCX55 Si7370 2x PH4840 2x 10k * LTC3900 5 6 1F 8V BIAS 4 8 FG GND VCC CG CS 3 10k 10k +1 370k 13.2k 115k 27k 0.47F 7 3 9 5 59k 10k 6 1 2 SD_VSEC ROSC BLANK SS_MAXDC LT1952 0.1F VREF COMP FB OUT VIN GND PGND DELAY OC ISENSE SOUT 14 15 8 13 12 11 10 16 470 39k BAT760 VU1 PH21NQ15 2x CS- 2 7 CT 1nF SYNC TIMER 1F 9m RT 15k 8V BIAS 560W 1nF 220pF T2 Q4470-B L1: PA1494.242 PULSE ENGINEERING T1: PULSE ENGINEERING T2: COILCRAFT 1952 F16 Figure 16. 36V to 72V Input to 12V at 20A No `Optocoupler' Synchronous `Bus Converter' ** 19521fd 21 LT1952/LT1952-1 APPLICATIONS INFORMATION 36V to 72V Input, 3.3V 40A Converter An LT1952-based synchronous forward converter provides the ideal solution for power supplies requiring high efficiency at low output voltages and high load currents. The 3.3V 40A solution in Figure 18 achieves peak efficiencies of 92.5% (Figure 17) by minimizing power loss due to rectification at the output. Synchronous rectifier control output SOUT, with programmable delay, optimizes timing control for a secondary side synchronous MOSFET controller (LTC3900) which results in high efficiency synchronous rectification. The LT1952/LT1952-1 use a precision current limit threshold at the OC pin combined with a soft-start hiccup mode to provide low stress output short-circuit protection. The maximum output current will vary only 10% over the full VIN range. During short-circuit the average power dissipation of the circuit will be lower than 15% of maximum rated power thanks to a soft-start controlled hiccup mode. VU1 BAS516 0.1F 18V 12V Q2 PH3230 2x 2.2mF Q3 PH3230 2x LTC3900 5 6 SD_VSEC ROSC BLANK LT1952 OUT VIN GND PGND DELAY 0.1F 6 33k 1 2 2.2k 22k VR = 2.5V COMP FB = 1.23V OC ISENSE SOUT 14 15 8 13 12 11 10 16 470 220pF T2 Q4470-B VU1 L1: PA0713, PULSE ENGINEERING ALL CAPACITORS X7R, CERAMIC, TDK T2: COILCRAFT PS2801 1 LT1797 270 - 5 2 4 3 10k 1F 10k 560 249k 8V BIAS 2.2nF 18k 80.6k 39k 10m 1nF 8V BIAS BAT760 1F 8V BIAS VU1 Si7846 1mF 4 8 FG GND VCC CG CS+ CS- 3 1 2 7 1nF 10k 10k 10k COUT 100F 3x This allows a significant reduction in power component sizing using the LT1952-based converter. 94 93 92 EFFICIENCY (%) 91 90 89 88 87 86 0 10 VIN = 48V VOUT = 3.3V fOSC = 300kHz 20 40 30 OUTPUT CURRENT (A) 50 1952 F17 Figure 17. LT1952-Based Synchronous Forward Converter Efficiency vs Load Current (For Circuit in Figure 18) +VIN 36V TO 72V 47k 82k PA0912.002 ** L1 * VOUT 3.3V, 40A BCX55 * 370k 13.2k 115k 27k 0.22F 7 3 9 5 59k 10k SYNC TIMER SS_MAXDC 15k Figure 18. 36V to 72V, 3.3V at 40A Synchronous Forward Converter 19521fd 22 + ** 8 4 LT1009 0.1F 1952 F18 LT1952/LT1952-1 APPLICATIONS INFORMATION Bus Converter: Optimum Output Voltage Tolerance The Bus Converter applications shown on page 1 and in Figure 16, provide semi-regulated isolated outputs without the need for an optocoupler, optocoupler driver, reference or feedback network. The LT1952/LT1952-1Volt-Second clamp adjusts switch duty cycle inversely proportional to input voltage to provide an output voltage that is regulated against input line variations. Some bus converters use a switch duty cycle limit which causes output voltage variation of typically 33% over a 2:1 input voltage range. The LT1952/LT1952-1 typically provide a 10% output variation for the same input variation. Typical output tolerance is further improved for the LT1952 by inserting a resistor from the system input voltage to the SS_MAXDC pin (Rx in Figure 19). The LT1952/LT1952-1 electrical specifications for the OUT Max Duty Cycle Clamp show typical switch duty cycle to move from 72% to 33% for a 2x change of input voltage (SS_MAXDC pin = 1.84V). Since output voltage regulation follows VIN * Duty Cycle, a switch duty cycle change of 72% to 36% (for a 2x input voltage change) provides minimal output voltage variation for the LT1952/LT1952-1 bus converter. To achieve this, an SS_MAXDC pin voltage increase of 1.09x (36/33) would be required at high input line. A resistor Rx inserted between the SS_MAXDC pin and system input voltage (Figure 19) increases SS_MAXDC voltage as input voltage increases, minimizing output voltage variation over a 2:1 input voltage change. The following steps determine values for Rx, RT and RB: (1)Program switch duty cycle at minimum system input voltage (VS(MIN)) (a)RT(1) = 10k (minimum allowed to still guarantee softstart pull-down) SYSTEM INPUT VOLTAGE (b)Select switch duty cycle for the Bus Converter for a given output voltage at VS(MIN) and calculate SS_MAXDC voltage (SS1) (See Applications Information "Programming Maximum Duty Cycle Clamp") (c)Calculate RB(1) = [SS1/(2.5 - SS1)] * RT(1) (2)Calculate Rx: Rx = ([VS(MAX) - VS(MIN)]/[SS1 * (X - 1)]) * RTHEV(1) RTHEV(1) = RB(1) * RT(1)/(RB(1) + RT(1)), X = ideal duty cycle (VS(MAX))/actual duty cycle (VS(MAX)) (3)The addition of Rx causes an increase in the original programmed SS_MAXDC voltage SS1. A new value for RB(1) should be calculated to provide a lower SS_MAXDC voltage (SS2) to correct for this offset: (a)SS2 = SS1 - [(VS(MIN) - SS1) * RTHEV(1)/Rx] (b)RB(2) = [SS2/(2.5 - SS2)] * RT(1) (4)The thevinin resistance RTHEV(1) used to calculate Rx should be re-established for RT and RB: (a) RB (final value) = RB(2) * (RTHEV(1)/RTHEV(2)) (b) RT (final value) = RT(1) * (RTHEV(1)/RTHEV(2)) where RTHEV(2) = RB(2) * RT(1)/(RB(2) + RT(1)) Example: For a Bus Converter running from 36V to 72V input, VS(MIN) = 36V, VS(MAX) = 72V. choose RT(1) = 10k, SS_MAXDC = SS1 = 1.84V (for 72% duty cycle at VS(MIN) = 36V) RB(1) = [1.84V/(2.5V - 1.84V)] * 10k = 28k RTHEV(1) = [28k * 10k/(28k + 10k)] = 7.4k SS_MAXDC correction = 36%/33% = 1.09 Rx = [(72V - 36V)/(1.84 * 0.09)] * 7.4k = 1.6M SS2 = 1.84 - [(36V - 1.84) * 7.4k/1.6M] = 1.682V RB(2) = [1.682/(2.5 - 1.682)] * 10k = 20.6k RTHEV(2) = [20.6k * 10k/(20.6k + 10k)] = 6.7k R1 VOLT-SECOND CLAMP INPUT R2 VOLT-SECOND CLAMP ADJUST INPUT Rx LT1952/ LT1952-1 SD_VSEC SS_MAXDC RT VREF RB 1952 F19 RTHEV(1)/RTHEV(2) = 7.4k/6.7k = 1.104 RB (final value) = 20.6k * 1.104 = 22.7k (choose 22.6k) RT (final value) = 10k * 1.104 = 11k 19521fd Figure 19. Optimal Programming of Maximum Duty Cycle Clamp for Bus Converter Applications (Adding Rx) Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights. 23 LT1952/LT1952-1 PACKAGE DESCRIPTION GN Package 16-Lead Plastic SSOP (Narrow .150 Inch) (Reference LTC DWG # 05-08-1641 Rev B) .045 .005 .189 - .196* (4.801 - 4.978) 16 15 14 13 12 11 10 9 .009 (0.229) REF .254 MIN .150 - .165 .229 - .244 (5.817 - 6.198) .150 - .157** (3.810 - 3.988) .0165 .0015 .0250 BSC 1 .015 .004 x 45 (0.38 0.10) .0532 - .0688 (1.35 - 1.75) 23 4 56 7 8 .004 - .0098 (0.102 - 0.249) RECOMMENDED SOLDER PAD LAYOUT .007 - .0098 (0.178 - 0.249) .016 - .050 (0.406 - 1.270) NOTE: 1. CONTROLLING DIMENSION: INCHES INCHES 2. DIMENSIONS ARE IN (MILLIMETERS) 0 - 8 TYP .008 - .012 (0.203 - 0.305) TYP .0250 (0.635) BSC GN16 (SSOP) 0204 3. DRAWING NOT TO SCALE *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE RELATED PARTS PART NUMBER LT1681/LT3781 LT1698 LT1725 LT1950 LTC3722-1/LTC3722-2 LTC3723-1/LTC3723-2 LTC3803 LTC3806 LTC3900 DESCRIPTION Synchronous Forward Controllers Secondary Synchronous Rectifier Controller General Purpose Isolated Flyback Controller Single Switch Forward Controller COMMENTS High Efficiency 2-Switch Forward Control Use for Isolated Power Supplies, Contains Voltage Margining, Optocoupler Driver, Synchronization Circuit with the Primary Side, Error Amplifier Drives External Power MOSFET, Senses Output Voltage Directly from Primary Side Switching--No Optoisolator Required, 16-pin SSOP 3V VIN 25V, 25W to 500W, Adaptive Max Duty Cycle Clamp, Programmable Slope Compensation, Low 100mV Sense Threshold, 16-Pin SSOP High Efficiency Push-Pull PWM Adjustable Slope Compensation, Internal Soft-Start, 200kHz Excellent Cross Regulation, High Efficiency, Multiple Outputs Use for Isolated Power Supplies, 4.5V VIN 11V, N-channel Synchronous MOSFET Driver, Programmable Timeout, Reverse Inductor Current Sense, 16-pin SSOP Dual Mode Phase Modulated Full-Bridge Controllers ZVS Full-Bridge Controllers Synchronous Push-Pull PWM Controllers SOT-23 Flyback Controller Synchronous Flyback Controller Synchronous Rectifier Driver for Forward Converters 19521fd 24 Linear Technology Corporation (408) 432-1900 FAX: (408) 434-0507 LT 1108 REV D * PRINTED IN USA 1630 McCarthy Blvd., Milpitas, CA 95035-7417 www.linear.com (c) LINEAR TECHNOLOGY CORPORATION 2004 |
Price & Availability of LT1952-1 |